this document was generated on 04/08/2014 please check www.molex.com for latest part information part number: 64318-3011 status: active overview: cmc sealed, hybrid, modular connectors and headers description: .635mm, 1.50mm, 2.80mm, power cmc connector, 28 circuits, right wire output, black coding, mat sealed documents: 3d model application specification as-64318-002-sp (pdf) drawing (pdf) application specification as-98420-001 (pdf) product specification ps-64318-001 (pdf) application specification as-98420-001-fr (pdf) product specification ps-64321-001 (pdf) application specification as-98420-001-sp (pdf) application specification as-64318-002 (pdf) packaging specification pk-98994-001 (pdf) application specification as-64318-002-fr (pdf) rohs certificate of compliance (pdf) general product family crimp housings series 64318 application power, wire-to-board application tooling part link 63812-1100 application tooling part link 63824-1200 comments * current tested on a fully loaded connector, current for temperature increase of 40c. current max = 21.0a for 2.80mm terminal (5.00mm2 wire), 12.0a for 1.50mm terminal (2.00mm2 wire), 2.5a for 0.635mm terminal(0.75mm2 wire) * more detailed tech information sealed, high-density, power, modular connecting system for power train and body electronics applications in cars, trucks, busses overview cmc sealed, hybrid, modular connectors and headers product name cmc upc 883906135133 physical circuits (maximum) 28 circuits detail 5x 2.8mm, 5 x 1.5mm, 18 x 0.635mm terminals color - resin black gender female glow-wire compliant no keying to mating part yes lock to mating part yes material - resin polyester net weight 35.290/g number of rows 3 packaging type carton panel mount no pitch - mating interface 2.54mm, 3.50mm, 6.75mm polarized to mating part yes stackable no temperature range - operating -40c to +125c electrical current - maximum per contact 12a, 2.5a, 21a material info reference - drawing numbers series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed low-halogen status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 64318 series mates with 47745 cmc header please contact molex for details use with female terminals 64322 cp 0.635, 64323 cp 1.5, 64324 cp 2.8 . circuit way plugs, 64325-1010 , 64325-1023 , 64325-1091. cmc wire cap, 64320-1301 , 64325-1162 , 64325-1175 , 64325-1188 , 64325-1196 application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # continuity test pen assembly 0638121100
application specification as-64318-002, as-64318-002-fr, as-64318-002-sp, as-98420-001, as-98420-001-fr, as-98420-001-sp packaging specification pk-98994-001 product specification ps-64318-001, ps-64321-001 sales drawing sd-64318-001 unlocking tool for cmc and cmx receptacle connector 0638241200 this document was generated on 04/08/2014 please check www.molex.com for latest part information
|